Part Number Hot Search : 
J110A 1N370 10C471 CJ110 18XXX UM2021 0805C CM4528
Product Description
Full Text Search
 

To Download TCMZ15V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAK CHEONG
(R) SEM IC O N DU C TO R
500 mW DO-34 Hermetically
Sealed Glass Zener Voltage Regulators
Absolute Maximum Ratings
Parameter Power Dissipation Storage Temperature Range Operating Junction Temperature Lead Temperature (1/16" from case for 10 seconds) TA = 25C unless otherwise noted Value 500 -65 to +175 +175 +230 Units mW
AXIAL LEAD DO34
DEVICE MARKING DIAGRAM
C C
These ratings are limiting values above which the serviceability of the diode may be impaired.
L : Logo Device Code : TCMZxxx
Specification Features:
Zener Voltage Range 2.0 to 75 Volts DO-34 Package (JEDEC DO-204) Through-Hole Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Lads Are Readily Solderable RoHS Compliant Solder Hot Dip Tin (Sn) Terminal Finish Cathode Indicated By Polarity Band
ELECTRICAL SYMBOL Cathode Anode
Electrical Characteristics
Device Type TCMZ2V0 TCMZ2V2 TCMZ2V4 TCMZ2V7 TCMZ3V0 TCMZ3V3 TCMZ3V6 TCMZ3V9 TCMZ4V3 TCMZ4V7 TCMZ5V1 TCMZ5V6 TCMZ6V2 TCMZ6V8 TCMZ7V5 TCMZ8V2 TCMZ9V1 TCMZ10V TCMZ11V TCMZ12V TCMZ13V TCMZ15V VZ @ IZT (Volts) Nominal 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15
TA = 25C unless otherwise noted IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 ZZT @ IZT () Max 100 100 100 110 120 120 100 100 100 80 80 60 60 20 20 20 25 30 30 30 35 40 IR @ VR (A) Max 120 120 120 100 50 20 10 5 5 5 5 5 5 2 0.5 0.5 0.5 0.2 0.2 0.2 0.2 0.2 VR (Volts) 0.5 0.7 1 1 1 1 1 1 1 1 1.5 2.5 3 3.5 4 5 6 7 8 9 10 11
Number: DB-053 June 2008 / C Page 1
L xxx
C
TCMZ2V0 through TCMZ75V
TAK CHEONG
Electrical Characteristics
Device Type VZ @ IZT (Volts) Nominal
(R) SEM IC O N DU C TO R
TA = 25C unless otherwise noted IZT (mA) ZZT @ IZT () Max 40 45 45 30 35 45 55 65 75 85 90 90 110 110 201 230 240 IR @ VR (A) Max 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 VR (Volts) 12 13 15 17 19 21 23 25 27 30 33 36 39 43 47 51 56
TCMZ16V 16 5 TCMZ18V 18 5 TCMZ20V 20 5 TCMZ22V 22 5 TCMZ24V 24 5 TCMZ27V 27 2 TCMZ30V 30 2 TCMZ33V 33 2 TCMZ36V 36 2 TCMZ39V 39 2 TCMZ43V 43 2 TCMZ47V 47 2 TCMZ51V 51 2 TCMZ56V 56 2 TCMZ62V 62 2 TCMZ68V 68 2 TCMZ75V 75 2 VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types Notes: 1. 2. 3.
The type numbers listed have zener voltage min/max limits as shown and have a standard tolerance on the nominal zener voltage of 5%. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances, contact your nearest Tak Cheong Electronics representative. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
Number: DB-053 June 2008 / C Page 2
TAK CHEONG
Typical Characteristics
600
(R) SEM IC O N DU C TO R
1000 Total Capacitance [pF] f = 1MHz Ta = 25 100
VR = 0V VR = 2V VR = 5V
PD-Power Passipation [mW]
500 400 300 200 100
VR = 20V
10
VR = 30V
0 0 40
1
Temperature [ ]
80
120
160
200
0
20 40 VZ - Reverse Voltage [V]
60
80
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at ambient temperature
Figure 2. Total Capacitance
Differential Zener Impedance []
1000
1000
Iz=1mA Iz=2mA
Ta = 25
Forward Current [mA] 100
Ta = 25
100
Iz=5mA Iz=10mA
10
10
1
1
0.1 1 10 VZ - Reverse Voltage [V] 100
0.1 0 0.2 0.4 0.6 0.8 VF - Forw ard Voltage [m V] 1 1.2
Figure 3. Differential Impedance vs. Zener Voltage
Figure 4. Forward Current vs. Forward Voltage
300 250 Reverse Current [mA] 200 150 100 50 0 0 2 4 6 VZ - Reverse Voltage [V] 8 10 PD = 500mW Ta = 25
100 PD = 500mW Ta = 25 Reverse Current [mA] 10
1
0.1
0.01 15 25 35 45 55 65 VZ - Reverse Voltage [V] 75
Figure 5. Reverse Current vs. Reverse Voltage
Figure 6. Reverse Current vs. Reverse Voltage
Number: DB-053 June 2008 / C Page 3
TAK CHEONG
Package Outline
Package
(R) SEM IC O N DU C TO R
Case Outline
DO-34
DO-34 DIM
Min
Millimeters
Max Min
Inches
Max
A B C D
0.46
0.55
0.018
0.022
2.16
3.04
0.085
0.120
25.40
38.10
1.000
1.500
1.27
1.90
0.050
0.075
Notes: 1. 2. All dimensions are within JEDEC standard. DO34 polarity denoted by cathode band.
Number: DB-053 June 2008 / C Page 4
TAK CHEONG
(R)
DISC LA I MER NOTIC E
NOTICE
The information presented in this document is for reference only. Tak Cheong reserves the right to make changes without notice for the specification of the products displayed herein. The product listed herein is designed to be used with ordinary electronic equipment or devices, and not designed to be used with equipment or devices which require high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), Tak Cheong Semiconductor Co., Ltd., or anyone on its behalf, assumes no responsibility or liability for any damagers resulting from such improper use of sale. This publication supersedes & replaces all information reviously supplied. For additional information, please visit our website http://www.takcheong.com, or consult your nearest Tak Cheong's sales office for further assistance.
Number: DB-100 April 14, 2008 / A


▲Up To Search▲   

 
Price & Availability of TCMZ15V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X